|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 1 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER CONFIGURATION & DIMENSIONSG O 2R8 MARKING INDUCTANCE CODE A: A : B: C: C : D: C 16.50 17.80 17.30 9.12 10.50 14.80 0.4 max. 0.4 typ. max. typ. m/m m/m m/m m/m m/m m/m C A A 2.54 1 4 ( PCB Pattern ) O SCHEMATIC DIAGRAMG a c 1 2 4 3 b O MATERIALSG aO CoreG Iron Toroidal Core bO CaseG PPS-R7 cO WireG Enamelled Copper Wire ( class F ) dO AdhesiveG Epoxy Resin eO RemarkG Products comply with RoHS' requirements Peak TempG 260J max. Max time above 230J G 50sec max. Max time above 200J G 70sec max. Temperature Rising Area +4.0J / sec max. Preheat Area 150 ~ 200J / 60 ~ 120sec Reflow Area +2.0 ~ 4.0J Forced Cooling Area -(1.0 ~ 5.0)J / sec max. Peak Temp erature: 260J 5 0sec max. 230J 250 Temperature ( J ) 200 150 70sec max. 1/4O GENERAL SPECIFICATIONG aO Temp. Rise G 40J typ. bO Storage Temp.G -40J ----+130J cO Operating Temp.G -25J ----+130J dO Resistance To Solder HeatG 260J .10 Secs. 100 50 14.60 0 50 100 150 Time ( seconds ) 200 250 2 3 AR-001A 3.20 D B 14.80 SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 2 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER ELECTRICAL CHARACTERISTICSG Inductance @10KHz, 0.1 Vrms ( H ) 2.8 20% 4.7 20% DWG No. ST17112R8ML- ST17114R7ML- RDC(m) (Each Winding) max. 9.30 14.50 typ. 7.10 11.50 Irms(A) typ. 16.50 12.80 Isat(A) typ. 14.40 11.60 1). Packaging information ... AG Bulk 2). "- ":Reference code BG Taping Reel 3). Irms base on Temp. rise 40J typ. 4). Isat base on L/L0A=40H typ. @ Inductance VS. DC Superposition Characteristics 10 Inductance(uH) 4R7 2R8 1 0.1 0.1 1 DC Current(A) 10 100 @ DC Current VS Temperature Rise 2R8 40 40 4R7 Temperature (J ) 30 20 10 0 0 3 6 9 12 15 Temperature (J ) 30 20 10 0 0 3 6 9 12 15 18 DC Current (A) DC Current (A) AR-001A SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 3 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER PACKAGING INFORMATIONG ] 1^ Configuration T 3/4O 2.00.5 Cover Tape A B i C i C N G 4 m/m End D Embossed carrier Carrier tape width : D P: 24m/m Start 28m/m 2R8 2R8 2R8 2R8 Leader no component 200 m/m min. Components User direction of feed Trailer no component 400 m/m min. ] 2^ Dimensions : (m/m) Style 13 - 32 A 330 B 210.8 C 130.5 D 32 G 34 +0 N -0 100 T 38.4 ] 3^ Q'TY & G.W. Per package : Type ST1711 Inner : Reel Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (kg) Size (cm) 200 900 13 - 32 800 5.2 40 x 40 x 24 AR-001A SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 4 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER DWGING NUMBER EXPRESSIONG S T 1 7 1 1 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements Appendix code 2G Package Information Code A B Inner Package Empty T / R ( Reel Package ) Inner Package Q'TY Empty 200 pcs Remark AR-001A SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 5 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER RELIABILITY TESTG AO Test item Specification More than 95% of the terminal electrode Shall be covered With fresh solder. Test condition Preheat : 155J / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355J Flux : Rosin Dip time : 50.5 seconds Solderability Thermal shock test ( Temp. cycle ) Electrical oharacteristics shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -25 J 30 minutes +130 J 30 minutes Humidity test Temperature : 402J Humidity : 905% Time : 1000 hours High temp. Resistance test Temperature : 1305J Applied current : Per spec. Time : 96 hours AR-001A SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 6 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER UL CARDG AO OBMW2 Magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Mtl Dsg Mark Dsg ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002 Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane BC Coat Typ OC ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____ MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79 ANSI Type Temp Class 220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155 Page 1 of 2 A not-for-profit organization dedicated to public safety and committed to quality service SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2 Mtl Dsg Mark Dsg ____ ____ ____ ____ ____ ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Coat Typ Polyamide ____ ____ ____ Nylon Polyamide OC MW80C MW2-C ___ MW75C MW28-C MW28-C ANSI Type Temp Class 155 105 130 130 130 130 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. a P q 1/2u or , material designation or marked designation on packaed or reel, and See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. 287806002 Page 2 of 2 OBMW2E174837 September 8 , 2000 AR-001A SPECIFICATION FOR APPROVAL REF : 20070821-A PROD. NAME PAGE: 7 ABC'S DWG NO. ABC'S ITEM NO. ST1711L- SMD TOROIDAL POWER FILTER QMFZ2 Wednesday,January 22, 2003 E54700 H W I -- 4 0 -- 0 0 H A I -- 1 0 -- 0 0 H V T R 4 4 4 4 4 4 D 4 9 5 5 5 5 5 5 5 C T I 4 4 4 4 4 4 Component-Plastics CHEVRON PHILLIPS CHENICAL CO L P RTI UL94 Min Flame Elec Mech Thk Str Imp Mti Dsg Class Col mm Polyphenylene sulfide (PPS), glass reintorced, designated "RYTON", furnished as pellets. R-4-230NA NC 0.38 0.71 1.5 1.8 3.0 6.0 V-0 V-0 V-0 5VA V-0, 5VA V-0, 5VA 130 200 220 220 220 220 130 200 200 200 200 200 130 200 220 220 220 220 Sunday,August 23, 1998 Polyphenylene sulfide (PPS), glass reintorced, mineral reinforced, designated "RYTON", furnished as pellets. R-7 NC,BK,TN 0.71 1.5 3.0 6.0 V-0 V-0 V-0 V-0 200 220 220 220 200 220 220 220 200 220 220 220 R 1 1 1 -- 0 0 0 -- 0 0 0 0 5 5 5 5 3 3 3 3 Underwriters Laboratories Inc. AR-001A |
Price & Availability of ST17114R7ML |